Electronic Components Datasheet Search
  English  ▼

X  

AN1723 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1723 Datasheet HTML 1Page - STMicroelectronics AN1723 Datasheet HTML 2Page - STMicroelectronics AN1723 Datasheet HTML 3Page - STMicroelectronics AN1723 Datasheet HTML 4Page - STMicroelectronics AN1723 Datasheet HTML 5Page - STMicroelectronics AN1723 Datasheet HTML 6Page - STMicroelectronics AN1723 Datasheet HTML 7Page - STMicroelectronics AN1723 Datasheet HTML 8Page - STMicroelectronics AN1723 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin description
AN1723
4/24
Doc ID 9553 Rev 4
1
Pin description
Table 1.
Pin functions
N.
Name
Description
1
OUT
Regulator output
2
SYNC
Master/slave synchronization. When open, a signal synchronous with the turn-off of internal power is
present at the pin. When connected to an external signal at a frequency higher than the internal signal,
the device is synchronized by the external signal.
When connecting the SYNC pins of two devices together, the one with the higher frequency works as
master and the other as slave.
3INH
A logical signal (active high) disables the device. With IHN higher than 2.2 V the device is OFF and
with INH lower than 0.8 V, the device is ON.
If INH is not used, the pin must be grounded. When it is open, an internal pull-up disables the device.
4
COMP E/A output to be used for frequency compensation.
5FB
Step-down feedback input. Connecting the output voltage directly to this pin results in an output
voltage of 1.235 V. An external resistor divider is required for higher output voltages (the typical value
for the resistor connected between this pin and ground is 4.7 k
Ω).
6VREF
Reference voltage of 3.3 V. No filter capacitor is needed for stability.
7
GND
Ground
8VCC
Unregulated DC input voltage.
Figure 2.
Package
Figure 3.
Pin connection
AM11311v1
HSOP8-exposed pad
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955
AM11310v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com