Electronic Components Datasheet Search
  English  ▼

X  

AN1723 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1723 Datasheet HTML 16Page - STMicroelectronics AN1723 Datasheet HTML 17Page - STMicroelectronics AN1723 Datasheet HTML 18Page - STMicroelectronics AN1723 Datasheet HTML 19Page - STMicroelectronics AN1723 Datasheet HTML 20Page - STMicroelectronics AN1723 Datasheet HTML 21Page - STMicroelectronics AN1723 Datasheet HTML 22Page - STMicroelectronics AN1723 Datasheet HTML 23Page - STMicroelectronics AN1723 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application ideas
AN1723
20/24
Doc ID 9553 Rev 4
Figure 20.
Buck-boost regulator
7.3
Dual output voltage with auxiliary winding
When two output voltages are required, it is possible to implement a dual output voltage
converter by using a coupled inductor.
During the ON phase, the current is delivered to VOUT while D2 is reverse-biased.
During the OFF phase, the current is delivered through the auxiliary winding to the output
voltage VOUT1.
This is possible only if the magnetic core has stored sufficient energy. So, to be sure that the
application is working properly, the load related to the second output VOUT1 should be much
lower than the load related to VOUT.
Figure 21.
Dual output voltage with auxiliary winding
7.4
Synchronization example
Two or more devices (up to 6) can be synchronized by simply connecting together the
synchronization pins. In this case, the device with a slightly higher switching frequency value
works as master and those with slightly lower switching frequency values work as
AM11327v1
D03IN1455
8
4
5
1
7
L5973AD
C1
10µF
10V
CERAMIC
C2
10µF
25V
CERAMIC
C5
100µF
16V
VOUT=-12V/
0.6A
VIN = 5V
2.7K
24K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
AM11328v1
D03IN1456
8
4
5
1
7
L5973AD
C1
10µF
25V
CERAMIC
C5
47µF
10V
C4
100µF
10V
VOUT=3.3V/
0.5A
VOUT1=5V/
50mA
VIN = 5V
R3
4.7K
C3
22nF
C2
220pF
3
Lp 22µH
N1/N2=2
D1
STPS25L25U
D2
1N4148
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com