Electronic Components Datasheet Search
  English  ▼

X  

AN1736 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1736 Datasheet HTML 2Page - STMicroelectronics AN1736 Datasheet HTML 3Page - STMicroelectronics AN1736 Datasheet HTML 4Page - STMicroelectronics AN1736 Datasheet HTML 5Page - STMicroelectronics AN1736 Datasheet HTML 6Page - STMicroelectronics AN1736 Datasheet HTML 7Page - STMicroelectronics AN1736 Datasheet HTML 8Page - STMicroelectronics AN1736 Datasheet HTML 9Page - STMicroelectronics AN1736 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Line regulation
AN1736
6/20
2
Line regulation
Figure 4. shows the line regulation of both the +5V and the +12V output. The output
voltages are measured for the input voltage range of 85 to 264VAC at the maximum output
power of 10W. The +5V output shows a 0% line regulation while the +12V output has a line
regulation of 0.25%.
Figure 4.
Line regulation
2
4
6
8
10
12
14
50
100
150
200
250
300
Input Voltage (Vac)
5V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com