Electronic Components Datasheet Search
  English  ▼

X  

AN1736 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1736 Datasheet HTML 1Page - STMicroelectronics AN1736 Datasheet HTML 2Page - STMicroelectronics AN1736 Datasheet HTML 3Page - STMicroelectronics AN1736 Datasheet HTML 4Page - STMicroelectronics AN1736 Datasheet HTML 5Page - STMicroelectronics AN1736 Datasheet HTML 6Page - STMicroelectronics AN1736 Datasheet HTML 7Page - STMicroelectronics AN1736 Datasheet HTML 8Page - STMicroelectronics AN1736 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
July 2006
Rev 4
1/20
AN1736
Application note
VIPower: VIPer22A dual output reference
board 90 to 264 VAC input, 10W output
Introduction
This is an off-line wide range VIPer22A dual outputs power supply at a switching frequency
of 60kHz and is set up for secondary regulation with an optocoupler. One output delivers 5V
at 1A and while a second output delivers12V at 0.42A, making up the total output power of
10W.
●
Switch mode general purpose power supply
●
Single-sided board
●
75% efficiency
●
Output short circuit protection
●
Thermal shutdown protection
●
Meets EN55022 class B EMI specification
●
Meets Blue Angel
Operating conditions
Parameter
Limits
Input voltage range
90 to 264Vac
Input Frequency Range
50/60 Hz
Output voltages
V1= 5V; V2=12V
Output current
I=0.84A
Output power
10W
Efficiency
75% typical
Line regulation
+/- 0% for 5V output
Load regulation
+/- 0.3% for 5V output
Output ripple voltage
20mVpp
EMI
EN55022 Class B
www.st.com


Similar Part No. - AN1736

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1730 ARISTA-AN1730 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
AN1730 ARISTA-AN1730 Datasheet
3Mb / 68P
Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
AN1731 ARISTA-AN1731 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
AN1731 ARISTA-AN1731 Datasheet
3Mb / 68P
Quick Start Guide 7280R3 and 7280R3A Series Data Center Switches
AN1733 ARISTA-AN1733 Datasheet
1Mb / 34P
720XP Series 2 RU Cognitive Campus Switches
More results

Similar Description - AN1736

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
60W WIDE-RANGE POWER SUPPLY
Jan-2004
STS12N3LLH5 STMICROELECTRONICS-STS12N3LLH5 Datasheet
532Kb / 13P
This device is an N-channel Power
07-Jun-2012
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
Texas Instruments
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
Wide-Range Power-Supply Controllers
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
OFF-LINE POWER SUPPLY CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com