Electronic Components Datasheet Search
  English  ▼

X  

AN1736 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1736 Datasheet HTML 12Page - STMicroelectronics AN1736 Datasheet HTML 13Page - STMicroelectronics AN1736 Datasheet HTML 14Page - STMicroelectronics AN1736 Datasheet HTML 15Page - STMicroelectronics AN1736 Datasheet HTML 16Page - STMicroelectronics AN1736 Datasheet HTML 17Page - STMicroelectronics AN1736 Datasheet HTML 18Page - STMicroelectronics AN1736 Datasheet HTML 19Page - STMicroelectronics AN1736 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN1736
Component list
17/20
13
Component list
Table 3.
Bill of material
Quantity
Reference
Description
1
BR1
KBP210GDI
1
C1
0.047
µF/250V boxcap
1C2
22
µF/400V electrolytic
1
C3
100pF 1kV ceramic
1C4
22
µF/25V electrolytic
1C5
680
µF/25V electrolytic
1
C6
22nF/50V ceramic
1C7
100
µF/25V electrolytic
1
C8
4.7nF/250V Y cap
1C9
210
µF/25V electrolytic
1
C11
0.01
µF/50V ceramic
1
C12
10
µF/400V electrolytic
1
D1
1N4148
1
D2
1N5821
1
D3
STMicroelectronics BYW100-200
1
F1
0.5A 250V Fuse
2
J1, J2
Connectors
1
L1
Compostar 2x30mH common-mode line choke
1
L2
Coilcraft 10
µH inductor
1R1
5
Ω 5% 1W Wire wound
1R2
2K
Ω 5% 1/2W
1R4
68
Ω 5% 1/4W
1R5
2.438K
Ω 1% 1/4W
1
R6
470
Ω 5% 1/4W
1R7
9.1k
Ω 5% 1/4W
1
R8
2.49K
Ω 1% 1/4W
1R9
15K
Ω 5% 1/2W
1
T1
Cramer coil transformer CVP32-002
1
U1
STMicroelectronics VIPer22ADIP
1
U2
H11A817A or LTV817 optocoupler
1
U3
STMicroelectronics TL431
2
W1, W2
Jumper wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com