Electronic Components Datasheet Search
  English  ▼

X  

AN1736 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1736 Datasheet HTML 6Page - STMicroelectronics AN1736 Datasheet HTML 7Page - STMicroelectronics AN1736 Datasheet HTML 8Page - STMicroelectronics AN1736 Datasheet HTML 9Page - STMicroelectronics AN1736 Datasheet HTML 10Page - STMicroelectronics AN1736 Datasheet HTML 11Page - STMicroelectronics AN1736 Datasheet HTML 12Page - STMicroelectronics AN1736 Datasheet HTML 13Page - STMicroelectronics AN1736 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Switching frequency ripple
AN1736
10/20
6
Switching frequency ripple
The switching ripple for the +5V output measured is 12mVpp while this ripple measured for
the +12V output is 200mVpp. The low ripple for the +5V output is obtained using the low
pass LC (PI) filter configuration of L2 and C10. The waveforms are taken at the input voltage
of 90Vac.
Figure 11.
Switching ripple for 5V output
Figure 12.
Switching ripple for 12V output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com