Electronic Components Datasheet Search
  English  ▼

X  

AN1736 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1736
Description  This is an off-line wide range VIPer22A dual outputs power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1736 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1736 Datasheet HTML 10Page - STMicroelectronics AN1736 Datasheet HTML 11Page - STMicroelectronics AN1736 Datasheet HTML 12Page - STMicroelectronics AN1736 Datasheet HTML 13Page - STMicroelectronics AN1736 Datasheet HTML 14Page - STMicroelectronics AN1736 Datasheet HTML 15Page - STMicroelectronics AN1736 Datasheet HTML 16Page - STMicroelectronics AN1736 Datasheet HTML 17Page - STMicroelectronics AN1736 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Transformer specification
AN1736
14/20
10
Transformer specification
Figure 15.
Mechanical drawings of the transformer
When the VIPer22A (U1) is on, energy is stored in the primary winding of transformer (1-2),
TX1. This energy is transferred to the auxiliary winding (3-4), and to the output (5-6) when
the VIPer22A is off. The auxiliary winding provides the bias voltage for the VIPer22A at pin 4
(Vdd).
The electrical specifications of the transformer are as follow:
●
Primary Inductance 2.25mH±15%
●
Primary Leakage Inductance 22
µH typical
●
Turns Ratio (N1/N5:N2) 1:0.053
●
Turns Ratio (N1/N5:N3) 1:0.127
●
Turns Ratio (N1/N5:N4) 1:0.167
The transformer is designed and manufactured by Cramer Coil and Transformer.
Meets Construction
for:
UL 1310, 1950,1411,
IEC 61558-1,2-17,
EN60950
www.cramercoil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com