Electronic Components Datasheet Search
  English  ▼

X  

AN2359 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application example nº 1
AN2359
10/18
Figure 4.
Typical waveforms at 265VAC: open
load
Figure 5.
Typical waveforms at 265VAC: full
load
Ch1 Freq - 2.39kHz
Ch2 Max - 428mA
Ch1 Freq - 59.65kHz
Ch2 Max - 532mA
Figure 6.
Commutation at full load: 88VAC
Figure 7.
Commutation at full load: 265VAC
Ch1 Freq - 103V
Ch1 Max - 366V
Figure 8.
Output ripple voltage at full load:
88VAC
Figure 9.
Output ripple voltage at full load:
265VAC
Ch1 Pk-Pk - 90mV
Ch3 Pk-Pk - 80mV
Ch1 Pk-Pk - 108mV
Ch3 Pk-Pk - 82mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com