Electronic Components Datasheet Search
  English  ▼

X  

AN2359 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics AN2359 Datasheet HTML 15Page - STMicroelectronics AN2359 Datasheet HTML 16Page - STMicroelectronics AN2359 Datasheet HTML 17Page - STMicroelectronics AN2359 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application example nº 2
AN2359
14/18
4.1
Experimental results
In Table 9., Table 10. and Table 11. the measures performed on the proposed converter are
listed. In Figure 16. and Figure 17. typical waveforms at 300VDC are shown.
The converter performs well in terms of line and load regulation. The –5V output shows a
±5% of precision. VOUT1, obtained by means of the turns ratio of the inductor, shows good
performance too, even if an overvoltage occurs on VOUT1 when it is in no load condition and
VOUT2 is full loaded. This can be avoided connecting an appropriate bleeder resistor on
VOUT1. The efficiency measurements show a better behavior compared to the –12V
solution. This can be explained because, in this configuration, the turn-on losses are lower
compared to the –12V solution.
L2
(Read sec. 6)
Pulse PFM0250
IC
STMicroelectronics
Table 8.
Component list (continued)
Reference
Value
Description
Table 9.
Experimental results - VIN=120VDC
IOUT1[mA] IOUT2[mA]
VOUT1[V]
VOUT2[V]
IIN[mA]
PIN[W]
POUT[W]
η[%]
0
0
24.09
5.096
0.986
0.1972
0
0.00
10
30
23.87
5.098
3.643
0.7286
0.39164
53.75
50
150
23.97
5.087
13.33
2.666
1.96155
73.58
80
240
24.05
5.075
20.5
4.1
3.142
76.63
100
300
24.06
5.069
25.68
5.136
3.9267
76.45
0
300
41.54
5.02
12.74
2.55
1.51
59.11
100
0
21.82
5.083
13.74
2.75
2.18
79.40
Table 10.
Experimental results - VIN=320VDC
IOUT1[mA] IOUT2[mA]
VOUT1[V]
VOUT2[V]
IIN[mA]
PIN[W]
POUT[W]
η[%]
0
0
24.1
5.098
0.666
0.20
0.00
0.00
10
30
23.9
5.094
2.435
0.73
0.39
53.64
50
150
23.96
5.091
9.182
2.75
1.96
71.21
80
240
24.03
5.079
13.85
4.16
3.14
75.60
100
300
24.03
5.068
17.17
5.15
3.92
76.17
0
300
41.14
5.025
8.684
2.61
1.51
57.87
100
0
21.89
5.096
9.41
2.82
2.19
77.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com