Electronic Components Datasheet Search
  English  ▼

X  

AN2359 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics AN2359 Datasheet HTML 15Page - STMicroelectronics AN2359 Datasheet HTML 16Page - STMicroelectronics AN2359 Datasheet HTML 17Page - STMicroelectronics AN2359 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AN2359
Layout considerations
15/18
5
Layout considerations
A proper PCB layout is essential for correct operation of any switch-mode converter and the
same basic rules have to be taken into account in order to optimize the current path,
especially in high current path routing.
Since EMI issues are related to layout, the current loop area has to be minimized. Moreover,
the control ground path has to be separated from power ground, in order to avoid any noise
interference between the control section and the power section.
All the traces carrying high currents have to be as short as possible, in order to minimize the
resistive and inductive effect.
A particular care has to be taken into account regarding the optimal routing of the input EMI
filter path and the correct placement of any single component (L1 –R1 very close to input
bulk capacitors, trace as short as possible…).
Table 11.
Experimental results - VIN=374VDC
IOUT1[mA] IOUT2[mA]
VOUT1[V]
VOUT2[V]
IIN[mA]
PIN[W]
POUT[W]
η[%]
0
0
24.16
5.098
0.513
0.21
0.00
0.00
10
30
23.99
5.094
1.852
0.74
0.39
53.01
50
150
24
5.094
7.04
2.82
1.96
69.75
80
240
24.03
5.085
10.66
4.26
3.14
73.71
100
300
24.028
5.071
13.14
5.26
3.92
74.66
0
300
41
5.03
6.68
2.67
1.51
56.47
100
0
21.93
5.1
7.221
2.89
2.19
75.92
Figure 16.
Typical waveforms at 300VDC and
full load: commutation
Figure 17.
Typical waveforms at 300VDC and
full load: detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com