Electronic Components Datasheet Search
  English  ▼

X  

AN2359 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics AN2359 Datasheet HTML 15Page - STMicroelectronics AN2359 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application example nº 2
AN2359
12/18
Figure 14.
VIPer22A temperature at maximum load
4
Application example nº 2
In this second example, the Buck-Boost is modified in order to have –24V/-5Voutputs
voltages in a 4W application. In Table 7. the main specifications of the power supply are
listed. The schematic of the circuit and the component list are shown in Figure 15. and in
Table 8. respectively.
The –24V output voltage allows to supply the VIPer directly from the feedback path, saving
the cost of a high voltage diode. Even in this case, the feedback regulation is connected to
VOUT2 by means of Q1 transistor and DZ1 zener diode. The output inductor, with
intermediate tap for VOUT2, is provided by PULSE (PFM0250 type) with the following
features:
L1-3 = 510µH ±10%;
N1-3 / N2-3 = 3.81 ± 2%;
R1-2 = 560mW (max);
R2-3 260ΩW (max).
Table 7.
SMPS specifications
Specification
Value
Input voltage range, VIN
88 - 265VAC
Output voltage VOUT1
-24V
Output voltage VOUT2
-5V
Maximum output current IOUT1
100mA
Maximum output current IOUT2
300mA
Maximum output power
4W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com