Electronic Components Datasheet Search
  English  ▼

X  

AN2359 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics AN2359 Datasheet HTML 14Page - STMicroelectronics AN2359 Datasheet HTML 15Page - STMicroelectronics AN2359 Datasheet HTML 16Page - STMicroelectronics AN2359 Datasheet HTML 17Page - STMicroelectronics AN2359 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AN2359
Conclusions
17/18
6
Conclusions
Two low cost double outputs Buck-Boost converters have been proposed based on
STMicroelectronics VIPer22A.
Thanks to the regulation feedback connected to –5V output, the converters can be suitably
used to supply a microcontroller or applications where a high output voltage tolerance is
required.
Instead, the -12V or-24V output voltage, achieved by the output inductor turns ratio, can be
used for the auxiliary circuits where a lower tolerance can be accepted.
In particular, the –24V option can be preferred because it guarantees a higher efficiency
(due to lower turn- on losses) and allows to save the cost of a high voltage diode compared
to the –12V solution.
On the other side, the –12V solution has to be used in many applications when it is not
possible to change the auxiliary supply voltage from –12V to –24V.
The same topology can be used for lower power range, replacing the VIPer22 with the
VIPer12.
In this case the device can deliver up to about 2.2W.
7
Revision history
Table 12.
Revision history
Date
Revision
Changes
04-Dec-2006
1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com