Electronic Components Datasheet Search
  English  ▼

X  

AN2600 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 3Page - STMicroelectronics AN2600 Datasheet HTML 4Page - STMicroelectronics AN2600 Datasheet HTML 5Page - STMicroelectronics AN2600 Datasheet HTML 6Page - STMicroelectronics AN2600 Datasheet HTML 7Page - STMicroelectronics AN2600 Datasheet HTML 8Page - STMicroelectronics AN2600 Datasheet HTML 9Page - STMicroelectronics AN2600 Datasheet HTML 10Page - STMicroelectronics AN2600 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AN2600
Circuit description
7/30
2
Circuit description
The topology used in this power supply is a standard flyback, working in continuous
conduction mode with fixed frequency. The switching frequency (65 kHz) represents a good
trade-off between the transformer size and the harmonics of the switching frequency, in
order to optimize the input filter size and cost. The Power MOSFET is a 600 V-1.6
Ω in
SuperMESH® technology, housed in a TO-220FP (insulated package). The reflected
voltage is 70 V, providing enough room for the leakage inductance voltage spike with still
margin for reliability. The network D53-R68- R83-R84-C84 clamps the peak of the leakage
inductance voltage spike.
The controller is the new L6668, integrating all the functionalities needed to control an
SMPS with high performance and minimum component count, offering the maximum
flexibility. A new functionality embedded in the device is a high voltage startup internal
circuit which draws current from the DC bus and charges the IC supply capacitor (C96). As
soon as the voltage on this capacitor reaches the L6668 turn-on threshold, the controller
starts to drive the MOSFET, and the IC is supplied only by the auxiliary winding of the
transformer via the diode D62 (After startup, the HV current source is deactivated, saving
power during normal operation).
The control system is Current Mode, so the current flowing in the primary is sensed by R71,
R80 and R81 then filtered by R65 and C100 and fed into pin 12 (Isen). No slope
compensation is needed as the duty cycle is kept well below 50%. The circuit connected to
pin 7 (DIS) provides overvoltage protection in case of feedback network failures and open
loop operation. An internal comparator senses this pin voltage and in case its threshold is
exceeded, the L6668 stops operating and reduces its consumption. After Disable
intervention the controller operation can be resumed only by disconnecting the mains plug.
The switching frequency is programmed by the RC network connected to pin 16 (RCT) and
in case of reduced load operation, the controller can decrease the operating frequency via
pin 13 (ST-BY) and resistor R69 proportionally to the load consumption.
The output rectifiers have been chosen according to the maximum reverse voltage and
power dissipation. The 3.3 V and 5 V outputs rectifiers are Schottky type, featuring lower
losses compared to standard PN diodes. The diodes D50, D54 and D55 need a small heat
sink, as indicated on the BOM. The other output rectifiers are fast recovery. The 12 V output
is obtained from the 16 V output by a high-current low-drop voltage regulator.
The output voltage control is performed by the secondary feedback on the 5 V and 3.3 V
outputs, while for the other outputs the control is achieved by the transformer coupling. The
feedback network uses a TL431 driving an opto-coupler, in this case a PC817, ensuring the
required insulation between primary and secondary. The opto-transistor drives directly the
COMP pin of the L6668. An LC filter has been added on all outputs in order to filter the high
frequency ripple without increasing the output capacitors.
The input EMI filter consists of two X2 capacitors with a common mode choke in between.
The NTC limits the inrush current charging the input capacitor at plug-in.
The transformer is layer type, manufactured by Pulse Eldor Corporation, in accordance with
the safety standard IEC 60065 7th ed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com