Electronic Components Datasheet Search
  English  ▼

X  

AN2600 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 5Page - STMicroelectronics AN2600 Datasheet HTML 6Page - STMicroelectronics AN2600 Datasheet HTML 7Page - STMicroelectronics AN2600 Datasheet HTML 8Page - STMicroelectronics AN2600 Datasheet HTML 9Page - STMicroelectronics AN2600 Datasheet HTML 10Page - STMicroelectronics AN2600 Datasheet HTML 11Page - STMicroelectronics AN2600 Datasheet HTML 12Page - STMicroelectronics AN2600 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AN2600
Circuit description
9/30
2.2
BOM
Table 3.
Bill of material
Qty
Reference
Value & part
Description
3
C26,C83,C105
22 µF 50 V
Electrolytic cap
1
C27
10 µF 50 V
Electrolytic cap
2
C76,C82
2.2 nF 4 Kv
Y1 cap
1
C77
1000 µF 25 V
Electrolytic cap
2
C78,C79
220 nF 75 V
X2 cap
1
C80
68 µF 400 V
Electrolytic cap
1
C81
470 µF 35 V
Electrolytic cap
1
C84
10 nF 400 V
Ceramic cap
1
C87
10 µF 16 V
Electrolytic cap
2
C89,C99
470 pF 0805 50 V
SMD ceramic cap
1
C90
100 nF 1206 50 V
SMD ceramic cap
1
C91
4700 µF 6.3 V
Electrolytic cap
1
C92
10 µF 50 V
Electrolytic cap
1
C93
2.2 nF 0805 50 V
SMD ceramic cap
1
C94
1000 nF 0805 50 V
SMD ceramic cap
1
C95
470 nF 1206 50 V
SMD ceramic cap
1
C96
33 µF 35 V
Electrolytic cap
1
C97
100 nF 0805 50 V
SMD ceramic cap
1
C98
33 µF 50 V
Electrolytic cap
2
C101, C108
470 µF 16 V
Electrolytic cap
1
C106, C107
1 µF 100V
Electrolytic cap
1
C100
100 pF 0805 25 V
SMD ceramic cap
1
C102
2200 µF 16 V
Electrolytic cap
1
C103
10 µF 100 V
Electrolytic cap
1
D50
STTH802CFP
STMicroelectronics high-efficiency, ultrafast diode
1
D52
STTH302
STMicroelectronics high-efficiency, ultrafast diode
1
D53
STTH1L06
STMicroelectronics ultrafast, high-voltage rectifier
1
D54
STPS1545CFP
STMicroelectronics power Schottky rectifier
1
D55
STPS745FP
STMicroelectronics power Schottky rectifier
1
D56
BYT01-400
STMicroelectronics high-efficiency, ultrafast diode
2
D57,D62
BAV103
General-purpose rectifier
4
D58,D59,D60,D61
1N4007
Rectifier
1
D63
STTH102
STMicroelectronics ultrafast diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com