Electronic Components Datasheet Search
  English  ▼

X  

AN2600 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 21Page - STMicroelectronics AN2600 Datasheet HTML 22Page - STMicroelectronics AN2600 Datasheet HTML 23Page - STMicroelectronics AN2600 Datasheet HTML 24Page - STMicroelectronics AN2600 Datasheet HTML 25Page - STMicroelectronics AN2600 Datasheet HTML 26Page - STMicroelectronics AN2600 Datasheet HTML 27Page - STMicroelectronics AN2600 Datasheet HTML 28Page - STMicroelectronics AN2600 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN2600
Test description
25/30
Figure 19.
Startup behavior of the system at Vin = 276 Vrms - 50 Hz
Note:
CH1: +23 Vout (brown)
CH2: +16 Vout (blue)
CH3: +12 Vout (purple)
CH4: +5 Vout (green)
Table 18 lists the overshoot for the most significant outputs at startup, giving the
performances of the power supply in terms of stability. All voltages are well controlled.
Table 18.
Overshoot
Vin(Vac)23 Vout (%)
16 Vout (%)
12 Vout (%)
5 Vout (%)
184
5
4.2
0.8
5.1
230
3.6
2.6
0.6
3.7
276
4.2
3.5
0.9
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com