Electronic Components Datasheet Search
  English  ▼

X  

AN2600 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 10Page - STMicroelectronics AN2600 Datasheet HTML 11Page - STMicroelectronics AN2600 Datasheet HTML 12Page - STMicroelectronics AN2600 Datasheet HTML 13Page - STMicroelectronics AN2600 Datasheet HTML 14Page - STMicroelectronics AN2600 Datasheet HTML 15Page - STMicroelectronics AN2600 Datasheet HTML 16Page - STMicroelectronics AN2600 Datasheet HTML 17Page - STMicroelectronics AN2600 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Test description
AN2600
14/30
Figure 6.
Vds and Id of STP5NK60Z in full load at Vin = 276 Vrms - 50 Hz
Note:
CH1: drain voltage (brown)
CH2: drain current (blue)
●
Vin (Vac): 184 - 230 - 276
●
VdsMax (V): 420 - 476 - 540
●
Idpk (A): 1.78 - 1.78 - 1.72
The measured values are the drain peak voltage and current at minimum, nominal and
maximum input mains voltage, during normal operation at full load. The voltage peak, which
is 540 V, assures a reliable operation of the STP5NK60ZFP with a good margin against the
maximum BVDSS.
●
Reduced load - terrestrial DVB (without LNB)
Note:
All voltages are within tolerance.
Table 7.
Output voltages measurement at Vin= 184 V and reduced load
Vout [V]
3.38
5.11
11.92
17.19
24.26
32.2
-26.83
Vin [Vrms]
184
∆Vout%
+2.42
+2.2
-0.6
+7.4
+5.4
-2.4
+7.32
Iout [A]
3.5
1.9
0.8
-
0.003(1)
1.
With a 8.2 k
Ω 1/4 W dummy load
0.01
0.15
Iin[Arms]
0.531
Pout [W]
11.83
9.7
9.54
-
0.072
0.32
4
Pin [W]
52.6
PoutTOT [W]
35.5
η(%)
67.5
fs [kHz]
63.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com