Electronic Components Datasheet Search
  English  ▼

X  

AN2600 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 6Page - STMicroelectronics AN2600 Datasheet HTML 7Page - STMicroelectronics AN2600 Datasheet HTML 8Page - STMicroelectronics AN2600 Datasheet HTML 9Page - STMicroelectronics AN2600 Datasheet HTML 10Page - STMicroelectronics AN2600 Datasheet HTML 11Page - STMicroelectronics AN2600 Datasheet HTML 12Page - STMicroelectronics AN2600 Datasheet HTML 13Page - STMicroelectronics AN2600 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Circuit description
AN2600
10/30
1
D64
27Vz DO35 1 W
Zener diode
1
D65
33Vz D035 1 W
Zener diode
2
D66,D67
12Vz D034
0.5W Zener diode
2
D70,D72
1N4148
General-purpose rectifier
1
F4
FUSE 2 A
Radial fuse
1
J4
CON2 7.62 mm pitch
Two-pin Input connector
1
J5
Full_Con 2.54 mm pitch
13-pin output connector
1
J8
HDD_Con RS code:471-430
Hard disk connector
1
J9
CON4 2.54 mm pitch
4-pin VFD connector
4
L28,L29,L31,L32
22 µH 5 A
Radial power inductor
1
L30
2*45 mH-HF2430-453
TDK common-mode choke coils
2
L33,L34
22 µH 1 A
Radial inductor
1
Q4
STP5NK60ZFP
STMicroelectronics N-Channel Power MOSFET
4
Q5,Q6,Q10,Q11
BC848B
NPN general-purpose bipolar
1
Q7
BC858B
PNP general-purpose bipolar
1
Q8
BD140
STMicroelectronics PNP Transistor
1
Q9
BD139
STMicroelectronics NPN Transistor
3
R62,
100 k
Ω 0805
SMD resistor
R75,R94
10 k
Ω 0805
SMD resistor
1
R63
2 k
Ω 0805
SMD resistor
1
R64
NTC_16
Ω 2.9 A
Inrush current suppressor
1
R65
1 k
Ω 0805
SMD resistor
1R66
47 k
Ω 0805
SMD resistor
1R67
33 k
Ω 0805
SMD resistor
2
R68,R83,R84
33 k
Ω 2 W
Axial resistor
1
R69
6.2 k
Ω 1206
SMD resistor
1
R70
3.9 k
Ω 0805
SMD resistor
3
R71,R80,R81
1.5
Ω 1206
SMD resistor
1
R72
470
Ω 0805
SMD resistor
1
R73
2.2 k
Ω 1206
SMD resistor
1R74
24 k
Ω 1206
SMD resistor
1
R76
3.3 k
Ω 1206
SMD resistor
1
R77
68
Ω 1206
SMD resistor
1
R78
4.3 k
Ω 0805
SMD resistor
1
R79 not mounted
1 M
Ω ¼ W
Axial resistor
Table 3.
Bill of material (continued)
Qty
Reference
Value & part
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com