Electronic Components Datasheet Search
  English  ▼

X  

AN2603 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 2Page - STMicroelectronics AN2603 Datasheet HTML 3Page - STMicroelectronics AN2603 Datasheet HTML 4Page - STMicroelectronics AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ST1S09 description
AN2603
6/23
Doc ID 13778 Rev 3
Figure 5.
Output voltage ripple in PWM
To clamp the error amplifier reference voltage, a soft start control block generating a voltage
ramp is implemented. When switching on the power supply, it allows control of the inrush
current value (Figure 6). When the input voltage is below 3.7 V (typ.), the under-voltage lock
out maintains the ST1S09 in shut down (this function is not available in the ST1S09I).
Other protection circuits in the device are: the Thermal Shut down block which turns off the
regulator when the junction temperature exceeds 150°C, and the cycle-by-cycle current
limiting that provides protection against shorted outputs.
Figure 6.
Inrush current
As an adjustable regulator, the output voltage of the ST1S09 is determined by an external
resistor divider. The desired value is given by the following equation:
Vout(AC)
SW
(Vin=5 V, Vout=1.2 V,
ch2=VOUT)
RLOAD=0.66 Ω, ch1=SW,
VOUT
SW
Iin
(VIN=5 V, VOUT=3.3 V, IOUT=2 A,
CH4=Iin)
CH2=VOUT, CH3=SW,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com