Electronic Components Datasheet Search
  English  ▼

X  

AN2603 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 4Page - STMicroelectronics AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics AN2603 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ST1S09 description
AN2603
8/23
Doc ID 13778 Rev 3
If the output voltage is fixed using an external or internal resistor divider, the Power Good
threshold is 0.92*VOUT.
The use of the Power Good function requires an external pull-up resistor, which must be
connected between the PG pin and VIN or VOUT. The typical current capability of the PG pin
is up to 6 mA. The use of a pull-up resistor for PG in the range of 100 k
Ω to 1 MΩ is
recommended. If the Power Good function is not used, the PG pin must remain floating in
the board.
In the application board, R3 is used to pull up the PG pin to VIN and R4 to pull up the PG pin
to VOUT. The Power Good pin can be connected only to VIN or VOUT.
Figure 8.
Power Good
1.3
Over voltage protection
When output voltage is over 10% of the nominal value, a small NMOS is turned on to
discharge the output. The limitation of the clamping current is about 300 mA.
When the output voltage drops below 1.05*Vout, the device returns to normal closed loop
switching operation.
PG
VOUT
(VIN=5 V, VOUT=3.18 V,
R3=120 k
Ω ch1=PG, ch3=V
OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com