Electronic Components Datasheet Search
  English  ▼

X  

AN2603 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2603 Datasheet HTML 1Page - STMicroelectronics AN2603 Datasheet HTML 2Page - STMicroelectronics AN2603 Datasheet HTML 3Page - STMicroelectronics AN2603 Datasheet HTML 4Page - STMicroelectronics AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ST1S09 description
AN2603
4/23
Doc ID 13778 Rev 3
1
ST1S09 description
The ST1S09 is a family of adjustable current mode PWM synchronous step-down DC-DC
converters with internal 2 A power switch. It is a complete 2 A switching regulator with
internal compensation which eliminates the need for additional components. The ST1S09
devices operate at a fixed frequency of 1.5 MHz (typ).
To maintain good efficiency, the device operates in power-save mode at light load condition
(Figure 2 and Figure 3). When the load increases it automatically switches to PWM (pulse
width modulation) mode, in order to reduce the output voltage ripple (Figure 4 and Figure 5).
Figure 2.
Inductor current at light load
(VIN=5 V, VOUT=1.2 V,
IOUT=100 mA, ch1=SW, ch4=IL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com