Electronic Components Datasheet Search
  English  ▼

X  

AN2603 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2603 Datasheet HTML 3Page - STMicroelectronics AN2603 Datasheet HTML 4Page - STMicroelectronics AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics AN2603 Datasheet HTML 10Page - STMicroelectronics AN2603 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN2603
ST1S09 description
Doc ID 13778 Rev 3
7/23
Equation 1
Few components are required for operation of the device: an inductor, two capacitors and
the resistor divider. The chosen inductor must be capable of withstanding peak current level
without saturating. The inductor value can be selected taking into consideration that a large
inductor value increases the efficiency at low output current and reduces output voltage
ripple, while a smaller inductor can be chosen when it is important to reduce package size
and total application cost. Moreover, the ST1S09 family has been designed to function
properly with X5R or X7R SMD ceramic capacitors both at the input and at the output. This
type of capacitor minimizes the output voltage ripple, thanks to its very low series resistance
(ESR). Other low ESR capacitors can be used based on application requirements without
compromising the correct functioning of the device.
Due to the high switching frequency and peak current, it is important to optimize the
application environment by reducing the length of the PCB traces and placing all external
components in close proximity to the device.
1.1
Inhibit function (ST1S09I only)
The ST1S09I features an Inhibit function (pin6). When the INH voltage is higher than 1.3 V
the device is ON, and if it is lower than 0.4 V the device is OFF. In shutdown mode,
consumption is lower than 1 µA.
The INH pin does not have an internal pull-up, which means that the Inhibit pin cannot be
left floating.
If Inhibit function is not used, the INH pin must be connected to VIN.
1.2
Power Good function (ST1S09 only)
Most ODD applications require a flag showing that the output voltage is in the correct range.
The Power Good threshold depends on the feedback voltage. When the feedback is higher
than 0.92* VFB, the Power Good (PG) pin goes to high impedance. If the feedback is below
0.92*VFB the PG pin goes in low impedance. If the device is working well, VFB is higher than
0.736 V (PG threshold, 0.92* 0.8 V) and the Power Good pin is at high impedance.
Figure 7.
Power Good block diagram
V
OUT
V
FB
1
R1
R2
--------
+
⋅
=
FB
PG
+
-
0.92*Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com