Electronic Components Datasheet Search
  English  ▼

X  

AN2603 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2603
Description  ST1S09 high efficiency synchronous buck converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2603 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2603 Datasheet HTML 1Page - STMicroelectronics AN2603 Datasheet HTML 2Page - STMicroelectronics AN2603 Datasheet HTML 3Page - STMicroelectronics AN2603 Datasheet HTML 4Page - STMicroelectronics AN2603 Datasheet HTML 5Page - STMicroelectronics AN2603 Datasheet HTML 6Page - STMicroelectronics AN2603 Datasheet HTML 7Page - STMicroelectronics AN2603 Datasheet HTML 8Page - STMicroelectronics AN2603 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
February 2011
Doc ID 13778 Rev 3
1/23
AN2603
Application note
ST1S09 high efficiency synchronous buck converter
Introduction
The ST1S09 family of synchronous step-down DC-DC converters is optimized for powering
all low-voltage applications and, generally, to replaces high current linear solutions when
power dissipation may cause high heating of the application environment. It provides up to 2
A over an input voltage range of 2.7 V to 5.5 V.
A high 1.5 MHz switching frequency allows the use of tiny surface-mount components, and
in addition to the resistor divider to set the output voltage value, an inductor and two
capacitors are required. A low output ripple is guaranteed by the current mode PWM
topology and by the use of low ESR surface-mount ceramic capacitors.
The device is available in two versions: the ST1S09 with Power Good function and the
ST1S09I with an Inhibit function.
The device is thermally protected and current limited to prevent damage due to accidental
short circuit.
The ST1S09 family is available in the DFN6 3x3 package.
Figure 1.
Simplified schematic
Note:
1
Available only for the ST1S09I
2
Available only for the ST1S09
www.st.com


Similar Part No. - AN2603

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
Single Band LNA-IC for 2.5 GHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
More results

Similar Description - AN2603

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA045V1 STMICROELECTRONICS-STEVAL-ISA045V1 Datasheet
104Kb / 4P
2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
STMicroelectronics
STEVAL-ISA045V2 STMICROELECTRONICS-STEVAL-ISA045V2 Datasheet
97Kb / 4P
2 A / 3.3 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
03-Mar-2008
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com