Electronic Components Datasheet Search
  English  ▼

X  

AN2787 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 2Page - STMicroelectronics AN2787 Datasheet HTML 3Page - STMicroelectronics AN2787 Datasheet HTML 4Page - STMicroelectronics AN2787 Datasheet HTML 5Page - STMicroelectronics AN2787 Datasheet HTML 6Page - STMicroelectronics AN2787 Datasheet HTML 7Page - STMicroelectronics AN2787 Datasheet HTML 8Page - STMicroelectronics AN2787 Datasheet HTML 9Page - STMicroelectronics AN2787 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Main features
AN2787
6/37
1
Main features
Switching section
●
0.8 V ±1% voltage reference
●
2.7 V to 5.5 V input voltage range
●
Fast response, constant frequency, current mode control
●
Three independent, adjustable, SMPS for DDR2/3 (VDDQ) and chipset supply
●
S3-S5 states compliant with DDR2/3 section
●
Active soft-end for all outputs
●
Selectable tracking discharge for VDDQ
●
Separate Power Good signals
●
Pulse skipping at light load
●
Programmable current limit and soft-start for all outputs
●
Latched OVP, UVP protection
●
Thermal protection
Reference and termination voltages (VTTREF and VTT)
●
±2 Apk LDO for DDR2/3 termination (VTT) with foldback
●
Remote VTT output sensing
●
High-Z VTT output in S3
●
±15 mA low-noise DDR2/3 buffered reference (VTTREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com