Electronic Components Datasheet Search
  English  ▼

X  

AN2787 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 4Page - STMicroelectronics AN2787 Datasheet HTML 5Page - STMicroelectronics AN2787 Datasheet HTML 6Page - STMicroelectronics AN2787 Datasheet HTML 7Page - STMicroelectronics AN2787 Datasheet HTML 8Page - STMicroelectronics AN2787 Datasheet HTML 9Page - STMicroelectronics AN2787 Datasheet HTML 10Page - STMicroelectronics AN2787 Datasheet HTML 11Page - STMicroelectronics AN2787 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Bill of material
AN2787
8/37
3
Bill of material
Table 1.
PM6641 demonstration board list of components
Qty Component
Description
Package
Part number
MFR
Value
Note
1C1
Ceramic, 10 V,
X5R, 20%
SMD 0603
Standard
1 µ
4
C2, C3, C4,
C12
Ceramic, 10 V,
X5R, 20%
SMD 0805
GRM21BR61A106KE19
Murata
10 µ
4
C5, C8, C13,
C14
SMD C case
n.m.
5
C6, C7, C9,
C10, C15
Ceramic, 4 V,
X5R, 20%
SMD 1206
AMK316BJ107ML
Taiyo Yuden
100 µ
1C11
Ceramic, 6.3 V,
X5R, 10%
SMD 1206
GRM31CR60J226KE19
Murata
22 µ
2
C16, C17
Ceramic, 16 V,
X7R, 10%
SMD 0603
Standard
100 n
1C18
Ceramic, 25 V,
X7R, 10%
SMD 0603
GRM188R71E333KA01
Murata
33 n
3
C19, C20,
C21
Ceramic, 16 V,
X7R, 10%
SMD 0603
Standard
22 n
2
C22, C24
Ceramic, 50 V,
C0G, 5%
SMD 0603
Standard
330 pF
1C23
Ceramic, 50 V,
C0G, 5%
SMD 0603
Standard
470 pF
4
C25, C26,
C27, C28
Ceramic, 50 V,
C0G, 5%
SMD 0603
Standard
100 pF
3
C29, C30,
C31
Ceramic, 50 V,
C0G, 5%
SMD 0603
n.m.
3
C32, C33,
C34
Ceramic, 50 V,
C0G, 5%
SMD 0603
n.m.
2R1, R2
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
3R3
1R3
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
100 k
Ω
9
R4, R13
R17, R18,
R19, R20,
R21, R22,
R23
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
68 k
Ω
1R16
Chip resistor,
0.1 W, 1%
SMD 0603
n.m.
1R5
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
150 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com