Electronic Components Datasheet Search
  English  ▼

X  

AN2787 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 12Page - STMicroelectronics AN2787 Datasheet HTML 13Page - STMicroelectronics AN2787 Datasheet HTML 14Page - STMicroelectronics AN2787 Datasheet HTML 15Page - STMicroelectronics AN2787 Datasheet HTML 16Page - STMicroelectronics AN2787 Datasheet HTML 17Page - STMicroelectronics AN2787 Datasheet HTML 18Page - STMicroelectronics AN2787 Datasheet HTML 19Page - STMicroelectronics AN2787 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Configuration
AN2787
16/37
Figure 10.
JP3 phase control
The 120 deg phase shifting is the default configuration in which the inner clock is divided
and three pulses delayed by 120 deg are obtained to trigger the switching regulator loops.
The synchronous clocking allows all the regulators to start at the same pulse, avoiding the
jitter due to simultaneous turn-on and off of different sections, but increasing the overall
RMS input current.
7.3
JP4 1.8 V (VDDQ) external/internal divider (VFB_1S8 pin)
The JP4 jumper allows selecting the internal divider or the external divider for the 1.8 V
switching regulator. When the VFB_1S8 pin is connected directly to the output capacitor, the
internal divider is enabled and this section provides 1.8 V output voltage. When the
multifunction pin VFB_1S8 is tied to the central tap of an external divider, the switching
regulator becomes adjustable, with the following output voltage:
Equation 1
Figure 11.
JP4 1.8 V divider selection
120deg Phase Shifting
Synchronous
JP3
V
8
.
0
1
R
R
Vout
6
5
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
Internal Divider Enabled
External Divider Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com