Electronic Components Datasheet Search
  English  ▼

X  

AN2787 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2787 Datasheet HTML 1Page - STMicroelectronics AN2787 Datasheet HTML 2Page - STMicroelectronics AN2787 Datasheet HTML 3Page - STMicroelectronics AN2787 Datasheet HTML 4Page - STMicroelectronics AN2787 Datasheet HTML 5Page - STMicroelectronics AN2787 Datasheet HTML 6Page - STMicroelectronics AN2787 Datasheet HTML 7Page - STMicroelectronics AN2787 Datasheet HTML 8Page - STMicroelectronics AN2787 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2008
Rev 1
1/37
AN2787
Application note
Monolithic VR demonstration board for chipset
and DDR2/3 supply for ultramobile PC (UMPC) applications
Introduction
PM6641 demonstration board order code: STEVAL-ISA050V1 (previously coded as
PM6641EVAL).
The PM6641 demonstration board is a monolithic voltage regulator (VR) module with
internal power MOSFETs, specifically designed to supply DDR2/3 memory and chipset in
ultramobile PC and real estate constrained portable systems.
It integrates three independent, adjustable, constant frequency buck converters, a ±2 Apk
low dropout (LDO) linear regulator, and a ±15 mA low-noise buffered reference.
Each regulator is provided with basic undervoltage (UV) and overvoltage (OV) protections,
programmable soft-start and current limit, active soft-end, and pulse skipping at light loads.
This document describes all features of the PM6641 demonstration board.
Figure 1.
PM6641 demonstration board
www.st.com


Similar Part No. - AN2787

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN278 ETC2-AN278 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
Solution for designing a 400 W fixed-off-time controlled
05-Mar-2010
AN2783 STMICROELECTRONICS-AN2783 Datasheet
1Mb / 47P
PM8800 demonstration kit for standard and high power PoE
04-Sep-2008
AN2784 STMICROELECTRONICS-AN2784 Datasheet
290Kb / 31P
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
07-Jun-2010
AN2785 STMICROELECTRONICS-AN2785 Datasheet
1Mb / 51P
L6393 half bridge gate driver
01-Dec-2009
More results

Similar Description - AN2787

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
Demonstration Board for the TMC3003 DAC
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Cirrus Logic
DB62 APEX-DB62 Datasheet
540Kb / 6P
DEMONSTRATION BOARD FOR SA305EX
logo
STMicroelectronics
PM6641 STMICROELECTRONICS-PM6641 Datasheet
2Mb / 47P
Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
16-Jan-2008
logo
Winbond
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-ISA050V1 STMICROELECTRONICS-STEVAL-ISA050V1 Datasheet
158Kb / 4P
Monolithic VR for chipset and DDR2/3 demonstration board based on the PM6641
12-Nov-2008
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
UM1839 STMICROELECTRONICS-UM1839 Datasheet
3Mb / 18P
demonstration board for STGAP1S galvanically
19-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com