Electronic Components Datasheet Search
  English  ▼

X  

UPD17P228 Datasheet(PDF) 7 Page - NEC

Part # UPD17P228
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P228 Datasheet(HTML) 7 Page - NEC

Back Button UPD17P228 Datasheet HTML 3Page - NEC UPD17P228 Datasheet HTML 4Page - NEC UPD17P228 Datasheet HTML 5Page - NEC UPD17P228 Datasheet HTML 6Page - NEC UPD17P228 Datasheet HTML 7Page - NEC UPD17P228 Datasheet HTML 8Page - NEC UPD17P228 Datasheet HTML 9Page - NEC UPD17P228 Datasheet HTML 10Page - NEC UPD17P228 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
µPD17P228
7
Data Sheet U14542EJ1V0DS00
2.
PIN
FUNCTIONS
2.1 Normal Operation Mode
Pin No.
Symbol
Function
Output Format
At Reset
16
P0A0
17
P0A1
18
P0A2
19
P0A3
20
P0B0
21
P0B1
22
P0B2
23
P0B3
24
P0C0
25
P0C1
26
P0C2
27
P0C3
28
P0D0
29
P0D1
1
P0D2
2
P0D3
4
P0E0
5
P0E1
6
P0E2
7
P0E3
8
REM
13
RESET
9VDD
Power supply
12
GND
Ground
3
INT
External interrupt request signal input
14
WDOUT
11
XIN
Connects ceramic resonator for system clock oscillation
10
XOUT
15
IC1
These pins cannot be used.
30
IC2
Leave open.
4-bit CMOS input port with pull-up resistor.
Can be used for key return input of key matrix. When at least
one of these pins goes low, standby function is released.
4-bit input/output port.
Can be set in input or output mode in 1-bit units.
In output mode, this port functions as a high current CMOS output
port. In input mode, function as CMOS input and can be specified
to connect pull-up resistor by program.
4-bit N-ch open-drain output port.
Can be used for key source output of key matrix.
4-bit CMOS input port with pull-up resistor.
Can be used for key return input of key matrix. When at least
one of these pins goes low, standby function is released.
4-bit N-ch open-drain output port.
Can be used for key source output of key matrix.
–
Input
–
Input
System reset input. CPU can be reset when low-level signal is
input to this pin. While low-level signal is input, oscillator is
stopped. This pin connected to pull-up resistor by mask option.
Output detecting hang-up and drop in supply voltage. This pin
outputs at low level either when an overflow occurs in the watch-
dog timer, when an overflow/underflow occurs in the stack, or
when the supply voltage drops below a specified level. Connect
this pin to the RESET pin.
–
Input
––
––
–
Input
Outputs transfer signal for infrared remote controller.
Active-high output.
N-ch
Low-level
open-drain
output
N-ch
Low-level
open-drain
output
CMOS
Low-level
push-pull
output
–
(Oscillation
stops)
CMOS
push-pull
Input
High-
impedance
Low-level
output at low
voltage
detection
N-ch
open-drain
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com