Electronic Components Datasheet Search
  English  ▼

X  

UPD17P228 Datasheet(PDF) 22 Page - NEC

Part # UPD17P228
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P228 Datasheet(HTML) 22 Page - NEC

Back Button UPD17P228 Datasheet HTML 18Page - NEC UPD17P228 Datasheet HTML 19Page - NEC UPD17P228 Datasheet HTML 20Page - NEC UPD17P228 Datasheet HTML 21Page - NEC UPD17P228 Datasheet HTML 22Page - NEC UPD17P228 Datasheet HTML 23Page - NEC UPD17P228 Datasheet HTML 24Page - NEC UPD17P228 Datasheet HTML 25Page - NEC UPD17P228 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
µPD17P228
22
Data Sheet U14542EJ1V0DS00
6.
RECOMMENDED SOLDERING CONDITIONS
For the
µPD17P228 soldering must be performed under the following conditions.
For details of recommended conditions for surface mounting, refer to information document "Semiconductor
Device Mounting Technology Manual" (C10535E).
For other soldering methods, please consult with NEC personnel.
Table 6-1. Soldering Conditions of Surface Mount Type
•
µPD17P228MC-5A4: 30-pin plastic SSOP (7.62 mm(300))
Soldering Method
Soldering Conditions
Symbol
Infrated Reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (210°C min.),
IR35-103-2
Number of times: 2 max. Number of days: 3 (after that, prebaking is necessary
at 125
°C for 10 hours)
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (200°C min.),
VP15-103-2
Number of times: 2 max. Number of days: 3 (after that, prebaking is necessary
at 125
°C for 10 hours)
Wave soldering
Solder bath temperature: 260
°C max, Time: 10 seconds max., Number of times:
WS-60-103-1
once, preheating temperature: 120
°C max. (package surface temperature)
Number of days: 3 (after that, prebaking is necessary at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per side of device)
—
Note
Number of days in storage after the dry pack has been opened. The storage conditions are at 25
°C, 65%
RH MAX.
Caution Do not use two or more soldering methods in combination (except the partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com