Electronic Components Datasheet Search
  English  ▼

X  

UPD17P228 Datasheet(PDF) 8 Page - NEC

Part # UPD17P228
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P228 Datasheet(HTML) 8 Page - NEC

Back Button UPD17P228 Datasheet HTML 4Page - NEC UPD17P228 Datasheet HTML 5Page - NEC UPD17P228 Datasheet HTML 6Page - NEC UPD17P228 Datasheet HTML 7Page - NEC UPD17P228 Datasheet HTML 8Page - NEC UPD17P228 Datasheet HTML 9Page - NEC UPD17P228 Datasheet HTML 10Page - NEC UPD17P228 Datasheet HTML 11Page - NEC UPD17P228 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
µPD17P228
8
Data Sheet U14542EJ1V0DS00
2.2 PROM Programming Mode
Pin No.
Symbol
Function
Output Format
At Reset
3VPP
9VDD
11
CLK
Inputs clock for PROM programming.
–
–
12
GND
Ground.
–
–
20
MD0

23
MD3
24
D4

27
D7
28
D0
Input/output 8-bit data for PROM programming
29
D1
1D2
2D3
Power supply for PROM programming.
Apply +12.5 V to this pin as the program voltage when writing/
verifying program memory.
Input pins used to select operation mode when PROM is
programmed.
Power supply. Apply +6 V to this pin when writing/verifying
program memory.
––
––
CMOS
push-pull
Input
–
Input
Remark
The other pins are not used in the PROM programming mode. How to handle the other opins are
described in the section PIN CONFIGURATION (2) PROM programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com