Electronic Components Datasheet Search
  English  ▼

X  

AN2827 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 14Page - STMicroelectronics AN2827 Datasheet HTML 15Page - STMicroelectronics AN2827 Datasheet HTML 16Page - STMicroelectronics AN2827 Datasheet HTML 17Page - STMicroelectronics AN2827 Datasheet HTML 18Page - STMicroelectronics AN2827 Datasheet HTML 19Page - STMicroelectronics AN2827 Datasheet HTML 20Page - STMicroelectronics AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Operation modes
AN2827
18/30
Doc ID 15047 Rev 1
Hard triggering therefore allows a smooth setting of the flash duration. The resolution is
about 8.8 µs. The minimum flash duration is limited by the ramp-up time of the LED current
and the maximum is limited by the FTIM value. If it is necessary to make a flash pulse longer
then the maximum allowed by FTIM, then it is necessary to reload the COMMAND register
before the internal timer reaches zero (start a new flash before the previous one elapses).
See Section 8.5: Example 5: flash pulse longer than 1.5 s for more details.
Figure 14.
Splitting the flash pulse into several shorter pulses
TRIG pin
100
ms
200
ms
TRIG_EN bit
I²C bus packet
1300 ms
LED current
Time when the
internal flash
timer reaches 0
9
8
7
6
5
4
321
0
Internal Flash timer values
TRIG pin
100
ms
200
ms
TRIG_EN bit
I²C bus packet
1300 ms
LED current
Time when the
internal flash
timer reaches 0
9
8
7
6
5
4
321
0
Internal Flash timer values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com