Electronic Components Datasheet Search
  English  ▼

X  

AN2827 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 16Page - STMicroelectronics AN2827 Datasheet HTML 17Page - STMicroelectronics AN2827 Datasheet HTML 18Page - STMicroelectronics AN2827 Datasheet HTML 19Page - STMicroelectronics AN2827 Datasheet HTML 20Page - STMicroelectronics AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Reading and writing to the STCF05 registers through the I²C bus
AN2827
20/30
Doc ID 15047 Rev 1
7
Reading and writing to the STCF05 registers through
the I²C bus
7.1
Writing to a single register
Writing to a single register starts with a START bit followed by the 7-bit device address of the
STCF05. The 8th bit is the R/W bit, which is 0 in this case. R/W = 1 means a reading
operation. The master then waits for an acknowledgement from the STCF05. The 8-bit
address of the desired register is sent afterwards to the STCF05. It is also followed by an
acknowledge pulse. The last transmitted byte is the data that is going to be written into the
register. It is followed again by an acknowledge pulse from the STCF05. The master then
generates a STOP bit and the communication is over. The whole cycle is represented in
Figure 15.
7.2
Writing to multiple registers with incremental addressing
It would be unpractical to send several times the device address and the address of the
register when writing to multiple registers. The STCF05 supports writing to multiple registers
with incremental addressing. When data is written to a register, the register address is
automatically incremented (by one), and therefore the next data can be sent without
resending the device address and the register address (see Figure 16).
Figure 15.
Writing to a single register
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
SDA LINE
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
ADDRESS OF
REGISTER
DATA
A
C
K
A
C
K
S
T
O
P
M
S
B
M
S
B
L
S
B
L
S
B
SDA LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com