Electronic Components Datasheet Search
  English  ▼

X  

AN2827 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 20Page - STMicroelectronics AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics AN2827 Datasheet HTML 25Page - STMicroelectronics AN2827 Datasheet HTML 26Page - STMicroelectronics AN2827 Datasheet HTML 27Page - STMicroelectronics AN2827 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Examples of register setup for each mode
AN2827
24/30
Doc ID 15047 Rev 1
8.2
Example 2: 15 mA torch
The value of TDIM (4 bits) must be set to 0x0 to set-up the current source to the chosen
value.
The PWR_ON bit of the command register must be set to 1.
The TRIG_EN bit of the command register must be set to 1.
The TCH_ON bit of the command register must be set to 0.
The NTC_ON bit of the command register can be set to any value because NTC is
automatically ON when the torch mode is active. Setting this bit to 0 will not switch off the
NTC.
Four bytes must be written to the STCF05 to run the torch mode.
The duration of the torch mode is "unlimited". Torch mode is terminated by setting the
TCH_ON bit in the COMMAND register to 0.
Termination of the torch mode can be done by writing the following data to the STCF05.
Terminating torch mode puts the STCF05 into READY mode.
Table 15.
COMMAND register data for torch mode
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
1011
0000
MSB
LSB
Table 16.
DIMMING register data for torch mode
DIM_REG
N/A
TDIM_2
TDIM_1
TDIM_0
N/A
FDIM_2
FDIM_1
FDIM_0
0000
0000
MSB
LSB
Table 17.
I²C data packet to activate torch mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
B0
10110000
Data of the command register
4
00
00000000
Data of the dimming register
Table 18.
I²C data packet for terminating torch mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
80
10000000
Data of the command register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com