Electronic Components Datasheet Search
  English  ▼

X  

AN2827 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics AN2827 Datasheet HTML 25Page - STMicroelectronics AN2827 Datasheet HTML 26Page - STMicroelectronics AN2827 Datasheet HTML 27Page - STMicroelectronics AN2827 Datasheet HTML 28Page - STMicroelectronics AN2827 Datasheet HTML 29Page - STMicroelectronics AN2827 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AN2827
Examples of register setup for each mode
Doc ID 15047 Rev 1
27/30
8.5
Example 5: flash pulse longer than 1.5 s
Suppose the targeted value of the flash current is 240 mA. The task is to make a single flash
pulse with a 4-second duration.
FTIM must be reloaded into the COMMAND REGISTER before the internal flash timer
reaches zero. This guarantees that the flash will continue and not stop after 1.5 seconds.
The first packet must also contain the DIMMING REGISTER data if this data is different from
that which was used in the previous operation.
Packet 1
Sets flash mode with a 1.5 s duration and the proper dimming.
Packet 2
Sets flash mode with a 1.5 s duration. Dimming data is not reset since it is the same as for
Packet 1.
Packet 3
Sets flash mode with a 1.5 s duration. Dimming remains the same.
Packet 4
Sets flash mode with a 1 s duration. Dimming remains the same.
Table 26.
I²C data packet for activating flash mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
DF
11011111
Data of the command register
4
05
00000101
Data of the dimming register
Table 27.
2nd I²C data packet for restart of flash mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
DF
11011111
Data of the command register
Table 28.
3rd I²C data packet for restart of flash mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
DF
11011111
Data of the command register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com