Electronic Components Datasheet Search
  English  ▼

X  

AN2827 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 15Page - STMicroelectronics AN2827 Datasheet HTML 16Page - STMicroelectronics AN2827 Datasheet HTML 17Page - STMicroelectronics AN2827 Datasheet HTML 18Page - STMicroelectronics AN2827 Datasheet HTML 19Page - STMicroelectronics AN2827 Datasheet HTML 20Page - STMicroelectronics AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AN2827
STATUS register and ATN pin
Doc ID 15047 Rev 1
19/30
6
STATUS register and ATN pin
Refer to the STCF05 datasheet for a detailed description of each bit.
When the status register is latched, reading and writing to the registers is still possible, but
the bits TRIG_EN and TCH_ON in the COMMAND register and AUXL register cannot be
changed until the device is unlatched. It is necessary to read the STATUS register to unlatch
the device.
The ATN pin is also pulled down when the internal timer reaches zero in flash mode. In this
case, the ATN pin is pulled down for 11 µs only. It is recommended to connect the ATN pin to
the interrupt input of the microcontroller. If it is not connected to the interrupt input, the ATN
pin should be polled fast enough not to miss the 11 µs pulse; for example, by a programming
loop which is entered after the start of flash mode. This loop will run until the ATN pin goes
Low. It is recommended to make a timeout of such a loop.
Table 9.
STATUS register bits
Bit name
LED_S
F_RUN
LED_F
NTC_W
NTC_H
OT_F
OC_F
VOUTOK_N
MSB
LSB
Table 10.
Effect of the STATUS register bits on the operation of the device
Bit Name
LED_S
F_RUN
STAT_REG
LED_O
STAT_REG
NTC_W
STAT_REG
NTC_H
STAT_REG
OT_F
STAT_REG
OC_F
STAT_REG
VOUTOK_N
STAT_REG
Default
value
0
00000
0
0
Latched (1)
YES
NO
YES
YES
YES
YES
No
YES
Forces
READY
mode
when set
NO
NO
YES
NO
YES
YES
NO
YES
Sets ATN
LOW when
set
YES
NO
YES
YES
YES
YES
NO
YES
1.
YES means that the bit is set by internal signals and is reset to its default value by an I²C read operation of STAT_REG.
NO means that the bit is set and reset by internal signals in real-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com