Electronic Components Datasheet Search
  English  ▼

X  

AN2870 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 7Page - STMicroelectronics AN2870 Datasheet HTML 8Page - STMicroelectronics AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AN2870
Device blocks description
11/41
3.2.3
Current comparator and choke saturation detection
The current comparator senses the voltage across the current sense resistor (Rpfccs) and,
by comparing it with the programming signal delivered by the multiplier, determines the
exact time when the external MOSFET has to be switched off.
When PFC MOSFET is turned on, parasitic drain capacitances are discharged and an
intense current spike can be seen by PFCCS (Figure 5). In past solutions, an RC filter
between sense resistor and current sense input was commonly used to reject these spikes,
but it introduced a delay between the instant the current crosses the threshold and the
actual activation of internal comparator. This delay may cause the inductor saturation, then
an over dimensioned inductor had to be used. In L6585DE, an internal leading edge
blanking structure (LEB) masks the first 200 ns of the PFC gate at the time current spikes
occurs; the filter is no longer necessary and the inductor can be smaller and lighter. On the
other hand this LEB limits the maximum available “ON time”.
Moreover, the device is provided with a second comparator on the PFC current sense pin
that turns off immediately the PFC MOSFET if the voltage on the pin, normally limited within
1.0 V, exceeds 1.7 V. A current peak limiting control is therefore achieved avoiding MOSFET
overheating in case of boost inductor’s hard saturation. In this case the current up-slope
becomes so large (50-100 times steeper) that during the current sense propagation delay
the current may reach abnormally high values.
Figure 5.
PFCCS pin waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com