Electronic Components Datasheet Search
  English  ▼

X  

AN2870 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics AN2870 Datasheet HTML 16Page - STMicroelectronics AN2870 Datasheet HTML 17Page - STMicroelectronics AN2870 Datasheet HTML 18Page - STMicroelectronics AN2870 Datasheet HTML 19Page - STMicroelectronics AN2870 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Device blocks description
AN2870
16/41
3.3.3
End of life detection
When the lamp becomes older and approaches its end of life, its equivalent resistance
increases symmetrically or asymmetrically.
In symmetrical ageing a modification of the frequency response of the resonance network
can be seen and, consequently, an increasing of lamp current and the appearance of hard
switching events: in fact the resonance frequency is now closer to operating frequency.
In asymmetrical ageing the current flowing in one direction is greater than the current
flowing in the other; this means that lamp voltage and current waveforms have no longer
zero mean value.
A window comparator measures the variation of the DC component of the
lamp voltage that can be either positive or negative. The reference and the amplitude of this
comparator can be set choosing the value of a resistor connected between EOLP pin and
GND accordingly with the following table.
This comparator can be used in both the two most used ballast configurations: Blocking
capacitor to ground and lamp to ground.
Block capacitor to ground
(Figure 10): During normal operation the DC mean value
across Cblock is equal to the half of the output voltage of the PFC. A resistive divider is
placed across the block capacitor to sense its DC voltage: the asymmetric effect appears as
a shifting of this DC value.
Any voltage ripple or disturbance across the output voltage is present also on Blocking
Capacitor and may alter the correct detection of a lamp at the end of its life.
In order to reject all this disturbances, the reference of the window comparator is connected
to CTR pin (Tracking reference configurations): in fact this pin is connected directly to the
output voltage and experiences the same ripple voltage. The rejection of the PFC output
voltage low frequency ripple allows using a smaller bulk capacitance.
Table 1.
Comparator amplitude
EOLP resistor
Symbol
Reference
Half–window amplitude
REOLP > 620 k
Ω
RFH
Fixed 2.5 V
± 720 mV
220 k
Ω < REOLP < 270 kΩ
RTL
Tracking with CTR
- 240 mV / + 250 mV
75 k
Ω < REOLP < 91 kΩ
RFL
Fixed 2.5 V
± 240 mV
22 k
Ω < REOLP < 27 kΩ
RTL
Tracking with CTR
- 150 mV / + 160 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com