Electronic Components Datasheet Search
  English  ▼

X  

AN2870 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 30Page - STMicroelectronics AN2870 Datasheet HTML 31Page - STMicroelectronics AN2870 Datasheet HTML 32Page - STMicroelectronics AN2870 Datasheet HTML 33Page - STMicroelectronics AN2870 Datasheet HTML 34Page - STMicroelectronics AN2870 Datasheet HTML 35Page - STMicroelectronics AN2870 Datasheet HTML 36Page - STMicroelectronics AN2870 Datasheet HTML 37Page - STMicroelectronics AN2870 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Designing with L6585DE
AN2870
34/41
Equation 49
These charges must be replaced during the subsequent ON time of the low side transistor:
Equation 50
End of life detection
Blocking capacitor to GND configuration
:
In case of blocking capacitor to ground configuration the tracking mode is suggested. In
order to set this mode a resistor placed between EOLP and GND is needed: its value has to
be chosen as follows:
●
220 k
Ω < R
eolp < 270 kΩ → VW = 240 mV
●
22 k
Ω < R
eolp < 27 kΩ → VW = 150 mV
EOL pin biasing proceeds as follows:
The blocking capacitor mean voltage is half of the PFC output voltage and the CTR pin
voltage is equal to:
Equation 51
Therefore the voltage divider connected between Cblock and EOL pin should have a divider
factor equal to:
Equation 52
A capacitor placed in parallel with the lower resistor and placed near the IC helps to keep
low the high frequency residual noise.
V
V
Q
C
C
cc
boot
boot
gate
Δ
−
=
+
min
,
on
DeadTime
pre
cc
boot
on
boot
T
T
f
2
1
V
V
ln
1
C
R
T
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
<
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ Δ
−
⋅
−
=
OVP
out
CTR
V
V
4
.
3
V
⋅
=
OVP
out
CTR
eol
V
8
.
6
V
V
2
k
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com