Electronic Components Datasheet Search
  English  ▼

X  

AN2982 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 8Page - STMicroelectronics AN2982 Datasheet HTML 9Page - STMicroelectronics AN2982 Datasheet HTML 10Page - STMicroelectronics AN2982 Datasheet HTML 11Page - STMicroelectronics AN2982 Datasheet HTML 12Page - STMicroelectronics AN2982 Datasheet HTML 13Page - STMicroelectronics AN2982 Datasheet HTML 14Page - STMicroelectronics AN2982 Datasheet HTML 15Page - STMicroelectronics AN2982 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Designing the application
AN2982
12/31
Doc ID 15599 Rev 1
Figure 7.
Bode plot with simple compensation network: |Gloop|MAX < 35dB
For example, an RC-series network is connected between the INV and COMP pin. The
obtained Gloop(s) can be written as:
Equation 28
A phase margin equal to 45° is obtained at Vin = 277 Vac using Ccomp=1.5 µF and
Rcomp=39 kΩ. At minimum input voltage the phase margin is equal to 85°.
Higher values of Ccomp or a lower value of Cout can also improve the PFC performance.
Figure 8.
Bode plot with enhanced compensation network: |Gloop|MAX < 35 dB and
Φ margin > 45°
()
()
()
s
029623
.
0
1
1
V
020308
.
0
M
6
.
6
sC
R
sC
1
s
G
s
G
s
G
2
rms
,
in
comp
comp
comp
comp
loop
+
⋅
⋅
⋅
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
Ω
+
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com