Electronic Components Datasheet Search
  English  ▼

X  

AN2982 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 23Page - STMicroelectronics AN2982 Datasheet HTML 24Page - STMicroelectronics AN2982 Datasheet HTML 25Page - STMicroelectronics AN2982 Datasheet HTML 26Page - STMicroelectronics AN2982 Datasheet HTML 27Page - STMicroelectronics AN2982 Datasheet HTML 28Page - STMicroelectronics AN2982 Datasheet HTML 29Page - STMicroelectronics AN2982 Datasheet HTML 30Page - STMicroelectronics AN2982 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AN2982
Demonstration board schematic and bill of material
Doc ID 15599 Rev 1
27/31
3.2
Ballast stage performance and reliability
Figure 20
shows the lamp parameters. Small discrepancies between theoretical and real
measurements are due to the tolerance of the passive components of the resonance
network (Lres and Cres).
Figure 20.
Steady-state lamp parameters
Figure 21
summarizes the Tch sequences during preheating and protections. During the
open lamp test, Tch voltage (lower trace) sets the preheating time (Tpre = 805 ms). After that
the lamp voltage (upper trace) increases up to the maximum value allowed by the HBCS
resistor (740 Vrms). The subsequent protection time is shorter than the preheating time
(120 ms).
Figure 21.
Startup sequence with open lamp protection
In Figure 22 a close-up of the waveforms during a ballast choke saturation is shown. The
upper graph illustrates the lamp parameters. While the lamp voltage remains essentially
sinusoidal, the lamp current becomes triangular cycle by cycle. The lower trace illustrates
the half-bridge current sense voltage (VHBCS). As soon as this voltage reaches 2.75 V, the
application is immediately stopped.
The saturation effect does not have a definite threshold. Once the current is close to
saturation, the inductance value starts to decrease slowly and constantly, therefore a current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com