Electronic Components Datasheet Search
  English  ▼

X  

AN2982 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 16Page - STMicroelectronics AN2982 Datasheet HTML 17Page - STMicroelectronics AN2982 Datasheet HTML 18Page - STMicroelectronics AN2982 Datasheet HTML 19Page - STMicroelectronics AN2982 Datasheet HTML 20Page - STMicroelectronics AN2982 Datasheet HTML 21Page - STMicroelectronics AN2982 Datasheet HTML 22Page - STMicroelectronics AN2982 Datasheet HTML 23Page - STMicroelectronics AN2982 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Ballast stage design
AN2982
20/31
Doc ID 15599 Rev 1
2.4
End of life detection
In this design the blocking capacitor to ground configuration is chosen.
Figure 13.
Blocking capacitor to ground topology
The tracking configuration with a window of amplitude equal to 240 mV is selected,
connecting EOLP to ground with REOLP = 240 kΩ.
The EOL pin detects the blocking capacitor voltage by means of a voltage divider that, in
normal conditions, sets its voltage to the same value as the CTR pin:
Equation 50
Choosing the total upper resistor value equal to Reol1 = 1.36 MΩ (2x680 kΩ), and with the
steady-state value of the blocking capacitor voltage equal to Vout/2, the lower resistor is
calculated as:
Equation 51
A Ceol = 10 nF capacitor is used to filter the lamp frequency, maintaining the ripple. The
obtained cutoff frequency is calculated higher than 100 Hz, but lower than 49 kHz.
Equation 52
EOL
ctrh
ctrl
ctrl
out
0
,
CTR
V
V
03
.
3
R
R
R
V
V
←
=
+
=
→
Ω
=
−
=
k
9
.
19
V
2
V
V
2
R
R
EOL
OUT
EOL
1
eol
2
eol
R
eol2
20 k
Ω
=
Hz
796
C
R
2
1
f
eol
2
eol
eol
,
c
=
⋅
⋅
π
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com