Electronic Components Datasheet Search
  English  ▼

X  

AN2982 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 15Page - STMicroelectronics AN2982 Datasheet HTML 16Page - STMicroelectronics AN2982 Datasheet HTML 17Page - STMicroelectronics AN2982 Datasheet HTML 18Page - STMicroelectronics AN2982 Datasheet HTML 19Page - STMicroelectronics AN2982 Datasheet HTML 20Page - STMicroelectronics AN2982 Datasheet HTML 21Page - STMicroelectronics AN2982 Datasheet HTML 22Page - STMicroelectronics AN2982 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN2982
Ballast stage design
Doc ID 15599 Rev 1
19/31
The following ST MOSFETs meet these constraints:
–STD5NK50Z
–STD6NK50Z
–
STD7NM50N
The STD7NM50N has RDS(on)= 1.12 Ω (at 100°C), therefore the power dissipation related to
the half-bridge MOSFETs is equal to almost 270 mW.
The size of the boostrap capacitor can be calculated by solving the following equation:
Equation 46
where:
ΔV = V
cc,min - Vgate,min = 9.6 V - 8 V = 1.6 V
Vcc = 15 V - Vf, Vf = forward voltage of charge pump diode = 0.8 V
Qg = total gate charge of STD7NM50N = 12 nC
Cgate = Qg/Vcc = 845 pF
Cboot,min = 6.6 nF is obtained
A Cboot = 100 nF is selected and the voltage drop is equal to ΔV = 120 mV.
The charging time of the capacitor is calculated to check if
ΔV is compensated during the
on-time of the low side. The time the capacitor takes to charge to 95% of Vcc starting from 0
is equal to:
Equation 47
The time the capacitor takes to charge to 95% of Vcc minus 120 mV starting from 0 is equal
to:
Equation 48
The difference t0 - t1 = 4 µs is smaller than the minimum on-time equal to:
Equation 49
The selected capacitor is able to correctly supply the high-side driver.
V
V
V
C
C
C
cc
cc
min
,
boot
min
,
boot
gate
Δ
−
⋅
=
+
s
75
nF
100
250
3
C
R
3
t
boot
boot
0
μ
=
⋅
Ω
⋅
=
⋅
⋅
=
s
71
C
R
839
.
2
V
12
.
0
V
95
.
0
1
ln
C
R
t
boot
boot
cc
cc
boot
boot
1
μ
=
⋅
⋅
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
−
⋅
⋅
−
=
s
11
.
4
T
f
2
1
T
max
,
DEAD
pre
min
,
on
μ
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com