Electronic Components Datasheet Search
  English  ▼

X  

AN2982 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 13Page - STMicroelectronics AN2982 Datasheet HTML 14Page - STMicroelectronics AN2982 Datasheet HTML 15Page - STMicroelectronics AN2982 Datasheet HTML 16Page - STMicroelectronics AN2982 Datasheet HTML 17Page - STMicroelectronics AN2982 Datasheet HTML 18Page - STMicroelectronics AN2982 Datasheet HTML 19Page - STMicroelectronics AN2982 Datasheet HTML 20Page - STMicroelectronics AN2982 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2982
Ballast stage design
Doc ID 15599 Rev 1
17/31
The RMS value of one side of the half bridge is equal to:
Equation 36
The power dissipation of the half-bridge current sense resistor is equal to:
Equation 37
A blocking capacitor Cblock = 100 nF (400 Vac) is used.
The choke form factor is an EF25 core (Ae = 52 mm
2, l
e = 58 mm, material N87 or
equivalent having Bmax<300 mT).
Its design parameters are as follows:
Equation 38
For this component a multi-conductor wire is also used to reduce the HF equivalent
resistance, and therefore the power dissipation.
2.2
Selection of parameters
Figure 12.
Parameters setting block
Cosc = 1 nF (5% or better) is chosen.
The following constant values are calculated (COSC in pF):
A
3465
.
0
f
f
f
f
1
Q
f
f
Q
1
Z
V
2
2
1
2
I
I
2
0
run
2
2
0
run
2
0
run
0
out
pk
,
ballast
RMS
,
hb
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
π
⋅
⋅
=
≈
mW
100
I
R
P
2
hbcs
hbcs
RMS
,
hbcs
<
⋅
≈
mm
37
.
3
L
A
N
2
l
turns
/
nH
8
.
38
N
L
A
turns
183
A
B
L
I
N
e
2
0
gap
2
2
L
e
max
max
=
μ
×
=
→
⎪
⎪
⎭
⎪⎪
⎬
⎫
=
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com