Electronic Components Datasheet Search
  English  ▼

X  

AN3011 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics AN3011 Datasheet HTML 12Page - STMicroelectronics AN3011 Datasheet HTML 13Page - STMicroelectronics AN3011 Datasheet HTML 14Page - STMicroelectronics AN3011 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AN3011
Testing the board
Doc ID 16043 Rev 1
11/37
2.2
Precision of the regulation and output voltage ripple
The output voltage of the board was measured in different line and load conditions. The
results are given in Table 4. The output voltage is practically not affected by the line
condition and only slightly affected by load condition (a difference of 10 mV between max
and minimum VOUT, see Table 4). The VDD voltage was also measured.
In a two-output flyback converter, when just one output is regulated, the unregulated output
does not rigorously respect the turn ratio. The unregulated output voltage value depends not
only by the turn ratio but also, approximately, from the output currents ratio (output current at
the regulated output divided by output current of the unregulated output).
As confirmed from the results reported in Table 4, the VDD voltage (unregulated auxiliary
output) increases as the load on the regulated output increases. In order to avoid the VDD
voltage exceeding the VIPer27 operating range, an external clamp was used (D6, R19, see
schematic).
The ripple at the switching frequency superimposed at the output voltage was also
measured. The board is provided with an LC filter for cleaner output voltage. The high
frequency voltage ripple across capacitors C9 and C14 (VOUT_FLY), that is the output
capacitors of the flyback converter before the LC filter (see schematic in Figure 2), was also
measured to verify the effectiveness of the LC filter.
The waveforms of the two voltages (VOUT and VOUT_FLY) are reported in Figure 11 and
12
. The output voltage ripple when the converter input voltage is 115 VAC is shown in
Figure 11
, and the output voltage ripple when the converter input voltage is 230 VAC is
shown in Figure 12.
Table 4.
Output voltage and VDD line-load regulation
VINAC (V)
Full load
Half load
No load
VOUT (V)
VDD (v)
VOUT (V)
VDD (V)
VOUT (V)
VDD (V)
90
5.073
21.1
5.078
20.00
5.083
9.98
115
5.073
20.98
5.078
20.02
5.083
9.83
230
5.073
20.94
5.077
20.08
5.083
9.30
265
5.073
20.98
5.077
20.04
5.083
9.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com