Electronic Components Datasheet Search
  English  ▼

X  

AN3011 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 14Page - STMicroelectronics AN3011 Datasheet HTML 15Page - STMicroelectronics AN3011 Datasheet HTML 16Page - STMicroelectronics AN3011 Datasheet HTML 17Page - STMicroelectronics AN3011 Datasheet HTML 18Page - STMicroelectronics AN3011 Datasheet HTML 19Page - STMicroelectronics AN3011 Datasheet HTML 20Page - STMicroelectronics AN3011 Datasheet HTML 21Page - STMicroelectronics AN3011 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Efficiency
AN3011
18/37
Doc ID 16043 Rev 1
3.1
Light load performance
3.1.1
No-load condition
The input power of the converter was measured in no-load condition, with brown-out
protection disabled (see relevant section) and brown-out protection enabled for different
applied input voltages (see Table 10). The converter in no-load condition always works in
burst mode so that the average switching frequency is strongly reduced. The average
switching frequency values were also measured. The presence of the resistor dividers (R16,
R17 and R18, see schematic of Figure 2) to sense the flyback input voltage, when brown-
out protection is enabled, does not affect the average switching frequency, but obviously
affects the input power due to the power dissipated in the resistor divider itself.
In the ENERGY STAR program version, the power consumption of the power supply when it
is no-loaded is also considered. The compliance criteria is shown in Table 11:
The performance of the demonstration board is far better then required, but it is worth noting
that often the AC/DC adapter or battery charger manufacturer have stricter requirements
regarding no-load consumption, compared to ENERGY STAR requirements, due also to
other standards or recommendations which they want to be compliant with. In cases where
the converter is used as the standby power supply for LCD TVs, PDPs or other applications,
the line filter is often the big line filter of the main power supply which heavily contributes to
the standby consumption, even though the power needed to the auxiliary power supply is
very low.
The ENERGY STAR program does not have other requirements regarding light-load
performance, however the input power and efficiency of the demonstration board, also in
other low load cases, is given in order to supply more complete information.
Table 10.
No-load input power
Vin AC (VRMS)
Pin (mW)
(BR enabled)
Pin (mW)
(No BR)
fSW_AVG (kHz)
90
19.20
16.80
1.0816
115
22.90
17.50
0.9706
132
25.00
18.60
0.9139
175
33.00
23.00
0.7552
230
48.00
29.00
0.6923
265
62.00
37.00
0.6561
Table 11.
Energy consumption criteria for no-load
Nameplate output power (Pno)
Maximum power in no-load for AC/DC
EPS
0 to = 50 W
< 0.3 W
> 50 watts < 250 W
< 0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com