Electronic Components Datasheet Search
  English  ▼

X  

AN3011 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 23Page - STMicroelectronics AN3011 Datasheet HTML 24Page - STMicroelectronics AN3011 Datasheet HTML 25Page - STMicroelectronics AN3011 Datasheet HTML 26Page - STMicroelectronics AN3011 Datasheet HTML 27Page - STMicroelectronics AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
27/37
Figure 28.
Converter power capability
3.4
Secondary winding short-circuit protection
VIPer27 is provided with an adjustable first level of primary overcurrent limitation that
switches off the power MOSFET if this level is exceeded. This limitation acts cycle by cycle
and its main purpose is to limit the maximum deliverable output power. A second level of
primary overcurrent protection is also present but in this case it is not adjustable, it is fixed to
1 A (typical value). If the drain current exceeds this second overcurrent protection threshold,
the device enters a warning state. In the next cycle the MOSFET is switched on, and if the
second level of overcurrent protection is exceeded again, the device assumes that a
secondary winding short-circuit or a hard saturation of the transformer is happening and
stops the operation. In order to re-enable the operation, VDD voltage must be recycled, that
means: VDD must go down, up to VDD_RESTART, then rise up to VDD_ON. When the VIPer27
is switched on again (VDD equals VDD_ON), the MOSFET can start to switch again. If the
cause of the second overcurrent protection activation is not removed, the device goes into
auto-restart mode.
This protection was tested on the demonstration board. The secondary winding of the
transformer was shorted, in different operating conditions. Figure 29 and 30 show the
behavior of the system during these tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com