Electronic Components Datasheet Search
  English  ▼

X  

AN3011 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 21Page - STMicroelectronics AN3011 Datasheet HTML 22Page - STMicroelectronics AN3011 Datasheet HTML 23Page - STMicroelectronics AN3011 Datasheet HTML 24Page - STMicroelectronics AN3011 Datasheet HTML 25Page - STMicroelectronics AN3011 Datasheet HTML 26Page - STMicroelectronics AN3011 Datasheet HTML 27Page - STMicroelectronics AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
25/37
Figure 25.
Wattmeter connection scheme for high input current
As noted in IEC 62301, instantaneous measurements are appropriate when power readings
are stable. The UUT is to be operated at 100% of the nameplate output current for at least
30 minutes (warm-up period) immediately prior to conducting efficiency measurements.
After this warm-up period, the AC input power is monitored for a period of 5 minutes, to
assess the stability of the UUT. If the power level does not drift by more than 5% from the
maximum value observed, the UUT can be considered stable and the measurements can
be recorded at the end of the 5 minute period.
If the AC input power is not stable over a 5 minute period, the average power or
accumulated energy is measured over time for both AC input and DC output.
Some wattmeter models allow the integration of the measured input power in a time range,
and then measures the energy absorbed by the UUT during the integration time. Dividing
this by the integration time itself gives the average input power.
3.3
Overload protection
VIPer27 is protected against overload or output short-circuit. If the load power demand
increases the output voltage decreases and the feedback loop reacts by increasing the
voltage on the feedback pin. The PWM current set point is increased, leading to higher
power delivered to the output until this power equals the load power demands. If the load
power demand exceeds the converter power capability (fixed by the RLIM value) the voltage
on the feedback pin continuously rises, but the power delivered does not rise further. When
the feedback pin voltage exceeds VFB_lin (3.3 V typ), VIPer27 logic assumes it is a warning
for an overload event. Before shutting-down the system, the device waits for a period, fixed
by the capacitor present on the feedback pin. In fact, if the voltage on the feedback pin
exceeds VFB_lin, the internal pull-up is disconnected and the pin starts sourcing a 3 µA
current that charges the capacitor connected to it. As the voltage on the feedback pin
reaches the VFB_olp threshold (4.8 V typ.), VIPer27 stops switching and is not allowed to
switch again until the VDD voltage goes below VDD_RESTART (4.5 V typ.) and rises again up
to VDD_ON (14 V typ.).
The following waveforms show the behavior of the converter when the output is shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com