Electronic Components Datasheet Search
  English  ▼

X  

AN3011 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 26Page - STMicroelectronics AN3011 Datasheet HTML 27Page - STMicroelectronics AN3011 Datasheet HTML 28Page - STMicroelectronics AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics AN3011 Datasheet HTML 32Page - STMicroelectronics AN3011 Datasheet HTML 33Page - STMicroelectronics AN3011 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Efficiency
AN3011
30/37
Doc ID 16043 Rev 1
Figure 32.
OVP protection
Figure 33.
OVP protection
The test was performed in different line and load conditions to check the dependence of the
output voltage value, when protection is activated, from the converter input voltage and load.
Results are shown in Table 21.
Table 21.
Overvoltage protection activation level test results
VOUT_OVP (V)
VIN
(VRMS)
Load
No-load
25% of load
Half-load (1.1 A)
Full-load
90
7.019
6.754
6.749
6.731
115
7.022
6.722
6.754
6.740



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com