Electronic Components Datasheet Search
  English  ▼

X  

AN3118 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 8Page - STMicroelectronics AN3118 Datasheet HTML 9Page - STMicroelectronics AN3118 Datasheet HTML 10Page - STMicroelectronics AN3118 Datasheet HTML 11Page - STMicroelectronics AN3118 Datasheet HTML 12Page - STMicroelectronics AN3118 Datasheet HTML 13Page - STMicroelectronics AN3118 Datasheet HTML 14Page - STMicroelectronics AN3118 Datasheet HTML 15Page - STMicroelectronics AN3118 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Test results and significant waveforms
AN3118
12/31
Doc ID 16847 Rev 2
The power factor (PF) and the total harmonic distortion (THD) have also been measured
and the results are reported in the graphs of Figure 11 and 12. As seen, the PF remains
close to unity throughout the input voltage mains and the total harmonic distortion is very
low over all the load range during operation at low mains. THD increases and PF decreases
during European mains operation at light load because the circuit begins working in burst
mode to maintain good efficiency, preventing from operating at a too high switching
frequency. In case the burst mode operation cannot be accepted, a compromise with
efficiency must be found. The burst mode threshold can be slightly adjusted by modifying
the multiplier divider ratio and/or the compensation network.
The efficiency, measured according to the ES-2 requirements, is shown in Figure 13; it is
excellent at all load and line conditions. At full load it is always higher than 95 %, making this
design suitable for high efficiency power supplies. The average efficiency calculated
according to the ES-2 requirements at different nominal mains voltages is shown in
Figure 14.
Figure 11.
EVL6563H-250W TM PFC power
factor vs. output power
Figure 12.
EVL6563H-250W TM PFC THD vs.
output power
Figure 13.
EVL6563H-250W TM PFC efficiency
vs. output power
Figure 14.
EVL6563H-250W TM PFC average
efficiency acc. to ES-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com