Electronic Components Datasheet Search
  English  ▼

X  

AN3118 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 21Page - STMicroelectronics AN3118 Datasheet HTML 22Page - STMicroelectronics AN3118 Datasheet HTML 23Page - STMicroelectronics AN3118 Datasheet HTML 24Page - STMicroelectronics AN3118 Datasheet HTML 25Page - STMicroelectronics AN3118 Datasheet HTML 26Page - STMicroelectronics AN3118 Datasheet HTML 27Page - STMicroelectronics AN3118 Datasheet HTML 28Page - STMicroelectronics AN3118 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN3118
Thermal map
Doc ID 16847 Rev 2
25/31
6
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. The thermal measures of the board, component side, at nominal input voltage are
shown in Figure 38 and 39. Some pointers, visible in the images, have been placed across
key components or components showing high temperature. The ambient temperature
during both measurements was 27 °C. It is possible to note that the PFC part has different
temperatures depending on the input mains.
Figure 38.
Thermal map at 115 Vac - 60 Hz - full load - PCB top side
Figure 39.
Thermal map at 230 Vac - 50 Hz - full load - PCB top side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com