Electronic Components Datasheet Search
  English  ▼

X  

AN3118 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 10Page - STMicroelectronics AN3118 Datasheet HTML 11Page - STMicroelectronics AN3118 Datasheet HTML 12Page - STMicroelectronics AN3118 Datasheet HTML 13Page - STMicroelectronics AN3118 Datasheet HTML 14Page - STMicroelectronics AN3118 Datasheet HTML 15Page - STMicroelectronics AN3118 Datasheet HTML 16Page - STMicroelectronics AN3118 Datasheet HTML 17Page - STMicroelectronics AN3118 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Test results and significant waveforms
AN3118
14/31
Doc ID 16847 Rev 2
To take maximum benefit from the THD optimizer circuit, the high-frequency filter capacitors,
after the bridge rectifier, should be minimized, maintaining compatibility with EMI filtering
needs. A large capacitance, in fact, introduces a conduction dead-angle of the AC input
current in itself, therefore reducing the effectiveness of the optimizer circuit.
In Figure 18, the detail of the waveforms at switching frequency shows the operation of the
transition mode control; once the inductor has transferred all the energy stored a falling edge
on the ZCD pin (#13) is detected and it will trigger a new on-time, by setting the gate drive
high. Once the current signal on the CS pin (#4) has reached the level programmed by the
internal multiplier circuitry according to the input mains instantaneous voltage and the error
amplifier output level, the gate drive is set low and MOSFET conduction is stopped. During
the following off-time the energy stored in the inductor is transferred into the output capacitor
and the load. At the end of the current conduction a new demagnetization will be detected
by the ZCD that will provide for a new on-time of the MOSFET.
In Figure 19 waveforms of the MULT, VFF, INV and COMP pins are captured for user
reference.
Figure 16.
EVL6563H-250W TM PFC MOSFET
current at 100 Vac - 50 Hz - full load
Figure 17.
EVL6563H-250W TM PFC MOSFET
current at 100 Vac - 50 Hz - full load
CH1: Q1 gate voltage, CH2: Q2 gate voltage,
CH3: Q1 drain current
CH4: Q2 drain current
CH1: Q1 gate voltage, CH2: Q2 gate voltage,
CH3: Q1 drain current
CH4: Q2 drain current
Figure 18.
EVL6563H-250W TM PFC L6563H
control pins-1 at 115 Vac - 60 Hz -
full load
Figure 19.
EVL6563H-250W TM PFC L6563H
control pins-2 at 115 Vac - 60 Hz -
full load
CH1: GD - pin #15, CH2: ZCD - pin #13, CH3: CS - pin #4
CH4: MULT - pin #3
CH1: INV - pin #1, CH2: MULT - pin #3,
CH3: COMP - pin #2 CH, 4: VFF - pin #5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com